PART |
Description |
Maker |
LR1108G-XX-AA3-A-R LR1108G-XX-AA3-C-R LR1108G-XX-A |
1A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
|
Unisonic Technologies
|
NCV5661 |
Ultra-Fast 1.0 A Low Dropout Linear Regulator
|
ON Semiconductor
|
LP3856ET-ADJ LP3856ESX-ADJ LP3856ES-ADJ LP3856-ADJ |
3A Fast Response Ultra Low Dropout Linear Regulators
|
NS
|
30BF..SERIES 30BF80 30BF10 30BF20 30BF40 30BF60 30 |
DIODE 3 A, SILICON, RECTIFIER DIODE, DO-214AB, Rectifier Diode SURFACE MOUNTABLE ULTRAFAST RECOVERY DIODE 表面贴装超快恢复二极 Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 800V 3A Ultra-Fast Discrete Diode in a SMC package 400V 3A Ultra-Fast Discrete Diode in a SMC package 600V 3A Ultra-Fast Discrete Diode in a SMC package 100V 3A Ultra-Fast Discrete Diode in a SMC package 200V 3A Ultra-Fast Discrete Diode in a SMC package
|
International Rectifier, Corp. IRF[International Rectifier] VISHAY SEMICONDUCTORS
|
MIC48121104 |
High Current 6 Channel Linear WLED Driver with DAM and Ultra Fast PWM Control
|
Micrel Semiconductor
|
MIC2841A |
High Efficiency 4 Channel Linear WLED Driver with DAM and Ultra Fast PWM Control
|
Micrel Semiconductor
|
AAT3221IJS-18-T1 AAT3221IJS-24-T1 AAT3221IJS-30-T1 |
150mA NanoPower??LDO Linear Regulator Hex Buffers / Drivers with Open-Collector High-Vltage Outputs 14-SO 0 to 70 150mA的NanoPower⑩LDO线性稳压器 128 x 128 pixel format, LED or EL Backlight available 150mA的NanoPower⑩LDO线性稳压器 150mA NanoPowerLDO Linear Regulator 150mA的NanoPower⑩LDO线性稳压器 POT 10K OHM SLIDE 100MM MONO FAD 150mA NanoPower?/a> LDO Linear Regulator 150mA NanoPower LDO Linear Regulator 150mA NanoPower⑩ LDO Linear Regulator 150MA NANOPOWER⒙ LDO LINEAR REGULATOR
|
Advanced Analogic Technologies, Inc. ANALOGICTECH[Advanced Analogic Technologies]
|
ER306 ER302 ER300 ER301 ER301A ER303 ER304 |
3 Amp Super Fast Recovery Rectifier 50 to 600 Volts 3.0A, 150V ultra fast recovery rectifier 3.0A, 100V ultra fast recovery rectifier 3.0A, 50V ultra fast recovery rectifier
|
Micro Commercial Compon... MCC[Micro Commercial Components]
|
MUR260S |
Ultra Fast Recovery Pack: DO-41 GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers VOLTAGE: 600V CURRENT:2.0A
|
Gulf Semiconductor
|
MUR460-E |
Ultra Fast Recovery Pack: DO-201AD GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers VOLTAGE: 600V CURRENT: 4.0A
|
Gulf Semiconductor
|
NCP5662 |
Low Output Voltage, Ultra Fast 2.0 A Low Dropout Linear Regulator with Enable(甯?娇?芥??剁?浣???虹????瓒?揩2.0 A浣??宸?嚎?хǔ???)
|
ON Semiconductor
|